PART |
Description |
Maker |
HZ0805C202R-10 HZ0805B272R-10 HZ0805B222R-10 HI222 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 0805 2700 OHM SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 2200OHMS 200MA 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 4A 700 OHM 2220 SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE CHIP SIGNAL 120 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE CHIP SIGNAL 150 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE 8A 125 OHMS 1812 SMD 1 FUNCTIONS, 8 A, FERRITE CHIP FERRITE 1.5A 90 OHM 1206 SMD 1 FUNCTIONS, 1.5 A, FERRITE CHIP FERRITE 500MA 600 OHM 0805 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 700MA 120 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE ARRAY 200MA 600 OHMS SMD 4 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 700MA 220 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE CHIP 220 OHMS 300MA 0402 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 120 OHMS 400MA 1812 1 FUNCTIONS, 0.4 A, FERRITE CHIP FERRITE 700MA 80 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE 200MA 300 OHM 0402 SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP .5A 60 OHM SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 10A 56 OHM 1612 SMD 1 FUNCTIONS, 10 A, FERRITE CHIP FERRITE CHIP 1800 OHMS 50MA 0603 1 FUNCTIONS, 0.05 A, FERRITE CHIP FERRITE 500MA 600 OHM 1206 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 100MA 600 OHM 0402 SMD 1 FUNCTIONS, 0.1 A, FERRITE CHIP FERRITE CHIP 1000OHMS 200MA 0402 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP POWER 60 OHM SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE 4A 250 OHM 2220 SMD FERRITE ARRAY 500MA 30 OHMS SMD FERRITE ARRAY 300MA 120 OHMS SMD
|
Laird Technologies, Inc. OKI SEMICONDUCTOR CO., LTD.
|
BLM21B601SPT BLM21B601SPT1 BLM11B601SPT BLM10B421S |
EMI FILTER FERRITE BEAD 600 OHM@100MHZ 200MA SMD 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP EIA STD PACKAGE SIZE 0805 FERRITE BEAD, 0603, 600 MHZ, 200MA 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.05 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
BLM18BD470SN1D BLM18BD470SN1J BLM18BD470SN1B BLM18 |
1 FUNCTIONS, 0.5 A, FERRITE CHIP EIA STD PACKAGE SIZE 0603, 2 PIN BDSM, FER BLM18BA100SN1D 0603 1 FUNCTIONS, 0.5 A, FERRITE CHIP EMI 120 OHM 100 MHZ 200MA 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 120 OHM 200MA 0603
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
BLM18SG331TN1D BLM18SG700TN1B |
Chip EMIFILr Inductor Type Chip Ferrite Beads BLM18S Series (0603 Size) 1 FUNCTIONS, 1.5 A, FERRITE CHIP 1 FUNCTIONS, 4 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
BLM18BD470SH1D BLM18BD470SH1J BLM18BD470SH1B BLM18 |
1 FUNCTIONS, 0.5 A, FERRITE CHIP EIA STD PACKAGE SIZE 0603, 2 PIN 1 FUNCTIONS, 0.3 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
SHB-1T4516-700 SHB-1M4516-700 SHB-1M4516-600 SHB-1 |
1 FUNCTIONS, 0.6 A, FERRITE CHIP 1 FUNCTIONS, 0.3 A, FERRITE CHIP Multilayer Chip Ferrite Beads
|
Sumida Corporation
|
B82486-B1900-A B82482-B B82482-B1121-A B82482-B130 |
1 FUNCTIONS, 0.1 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP Rated impedance 30 to 2000 W Rated current 0,1 to 0,5 A
|
EPCOS AG EPCOS[EPCOS]
|
MLB05-550-RC MLB05-060-RC MLB05-560-RC MLB05-200-R |
1 FUNCTIONS, 0.4 A, FERRITE CHIP Multilayer Ferrite Bead s
|
http:// Allied Components International
|
BLM41AF800SN1L |
FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd.
|
28L0138-40R-10 |
FERRITE BEAD AXIAL LEAD 135 OHMS 1 FUNCTIONS, 5 A, FERRITE BEAD
|
Laird Technologies, Inc.
|
SHH-1M1005-601 SHH-1M1005-471 SHH-1M1005-221 SHH-1 |
1 FUNCTIONS, 0.5 A, FERRITE CHIP Multilayer Chip Ferrite Beads
|
Sumida Corporation
|
SHH-1M1608-600 SHH-1M1608-601 SHH-1M1608-300 SHH-1 |
1 FUNCTIONS, 1.6 A, FERRITE CHIP Multilayer Chip Ferrite Beads
|
Sumida Corporation
|
|